Part Number Hot Search : 
TEW4974 1212S SMAJ3 NCP6332C 1H273 SCS480N DM7405N S5973
Product Description
Full Text Search
 

To Download AM4TW-4805S-RZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am4tw-rz 4 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.c 1 of 3 north america only features: models single output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) max capacitive load (uf) efficiency (%) am4tw-2403s-rz 9-36 3.3 1200 1500 1000 77 am4tw-2405s-rz 9-36 5 800 1500 1000 80 am4tw-2407s-rz 9-36 7.2 550 1500 100 80 am4tw-2409s-rz 9-36 9 440 1500 220 80 am4tw-2412s-rz 9-36 12 330 1500 100 83 am4tw-2415s-rz 9-36 15 265 1500 220 83 am4tw-2418s-rz 9-36 18 220 1500 10 80 am4tw-2424s-rz 9-36 24 165 1500 220 81 am4tw-4803s-rz 18-72 3.3 1200 1500 1000 77 AM4TW-4805S-RZ 18-72 5 800 1500 470 80 am4tw-4807s-rz 18-72 7.2 550 1500 470 78 am4tw-4809s-rz 18-72 9 440 1500 330 82 am4tw-4812s-rz 18-72 12 330 1500 1000 81 am4tw-4815s-rz 18-72 15 265 1500 47 81 am4tw-4818s-rz 18-72 18 220 1500 10 81 am4tw-4824s-rz 18-72 24 165 1500 22 82 models dual output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) max capacitive load (uf) efficiency (%) am4tw-2403d-rz 9-36 3.3 600 1500 470 76 am4tw-2405d-rz 9-36 5 400 1500 100 78 am4tw-2407d-rz 9-36 7.2 275 1500 47 80 am4tw-2409d-rz 9-36 9 220 1500 47 80 am4tw-2412d-rz 9-36 12 165 1500 47 82 am4tw-2415d-rz 9-36 15 125 1500 10 80 am4tw-2418d-rz 9-36 18 100 1500 100 80 am4tw-2424d-rz 9-36 24 84 1500 22 80 am4tw-4803d-rz 18-72 3.3 600 1500 680 75 am4tw-4805d-rz 18-72 5 400 1500 330 79 am4tw-4807d-rz 18-72 7.2 275 1500 47 80 am4tw-4809d-rz 18-72 9 220 1500 47 81 am4tw-4812d-rz 18-72 12 165 1500 100 82 am4tw-4815d-rz 18-72 15 125 1500 100 81 am4tw-4818d-rz 18-72 18 100 1500 33 80 am4tw-4824d-rz 18-72 24 84 1500 10 80 input specifications parameters nominal typical maximum units voltage range 24 48 9-36 18-72 vdc filter ? ? ? rohs compliant ? ? 24 pin dip package ? ? high efficiency up to 83% ? ? wide 4:1 input range ?
series am4tw-rz 4 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.c 2 of 3 north america only input specifications (continued) parameters nominal typical maximum units absolute ma ximum rating 24 vin 48 vin -0.7-40 -0.7-80 vdc peak input voltage time 100 ms isolation specifications parameters conditions typical rated units tested i/o voltage 3 sec 1500 vdc resistance > 1000 mohm capacitance 500 pf output specifications parameters conditions typical maximum units voltage accuracy 1 % voltage balance (dual output model) balanced load 1 % short circuit protection continuous short circuit restart auto recovery over current protection 120% iout line voltage regulation (single) 0.5 % line voltage regulation (dual) 0.5 % load voltage regulation (single) 0.5 % load voltage regulation (single) 3.3v output model 1.5 % load voltage regulation (dual) 0.5 % load voltage regulation (dual) 3.3v output model 1.5 % temperature coefficient 0.02 %/ o c ripple & noise at 20mhz bandwidth 60 mv p-p rising time 10 ms general specifications parameters conditions typical maximum units switching frequency 100% load 260 khz operating temperature full load without derating -40 to +85 o c storage temperature -40 to +125 o c max case temperature +100 o c cooling free air convection humidity 90 % case material nickel coated copper weight 26 g dimensions (l x w x h) tolerance 0.5 mm or 0.02 inches 1.25 x 0.80 x 0.40 inches 31.80 x 20.30 x 10.20 mm mtbf >1 050 000 hrs (mil-hdbk -217f, ground benign, t=+25 o c) note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. safety specifications parameters agency approval ce safety en55022 class a, en55024 iec61000-4-2, perf. criteria b iec61000-4-3, perf. criteria a iec61000-4-4, perf. criteria b iec61000-4-5, perf. criteria b iec61000-4-6, perf. criteria a iec61000-4-8, perf. criteria a note: also designed to meet iec 60950-1:2001
series am4tw-rz 4 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.c 3 of 3 north america only pin out specifications dimensions note: 1. datasheets are updated as needed and as such, specifications ar e subject to change without notic e. once printed or downloaded , datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency cert ifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an am bient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary an d may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control sys tems or other such applications which necessitate specific safety and regulatory standards ot her the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s st andard terms of sale available at www.aimtec.com. pin single dual 2 -v input -v input 3 -v input -v input 9 omitted common 11 n.c. -v output 14 +v output +v output 16 -v output common 22 +v input +v input 23 +v input +v input


▲Up To Search▲   

 
Price & Availability of AM4TW-4805S-RZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X